Part Number Hot Search : 
5KP11CA 211ID LT1413A KN3906 STLC5412 MAX3345E TCSCS0J SKR15
Product Description
Full Text Search
 

To Download MAL215055222E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150 RMI
Vishay BCcomponents
Aluminum Capacitors Radial Miniature, Low Impedance
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte
Fig.1 Component outline
RoHS * Radial leads, cylindrical aluminum case with COMPLIANT pressure relief, insulated with a blue vinyl sleeve * Charge and discharge proof * Very long useful life: 4000 to 10 000 h at 105 C, high stability, high reliability * Very low impedance or ESR respectively, at smaller case sizes than the 136 RVI series * Excellent ripple current capability
* Lead (Pb)-free versions are RoHS compliant
136 RVI
APPLICATIONS
miniaturize
048 RML 148 RUS
lower Z longer life
150 RMI
* Power supplies (SMPS, DC/DC converters) for general industrial, EDP, audio-video, automotive and telecommunications * Smoothing, filtering, buffering
MARKING QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes ( O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, 1.8 x IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 8 x 12 to 18 x 31 100 to 6800 F 20 % 10 to 100 V - 55 to + 105 C 3000 to 5000 hours 4000 to 10 000 hours 200 000 to 500 000 hours 1000 hours IEC 60384-4/EN130300 55/105/56
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code indicating factory of origin. * Name of manufacturer * Upper category temperature (105 C) * Negative terminal identification * Series number (150)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 22 47 100 150 220 330 470 680 1000 1200 10 8 x 12 10 x 12 10 x 16 16 8 x 12 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 25 8 x 12 10 x 12 10 x 16 10 x 20 12.5 x 20 UR (V) 35 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 50 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31 63 8 x 12 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 20 16 x 25 16 x 31 100 8 x 12 18 x 20 -
www.vishay.com 140
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323 Revision: 29-Oct-07
150 RMI
Aluminum Capacitors Radial Miniature, Low Impedance
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1500 2200 3300 4700 6800 10 12.5 x 20 12.5 x 25 16 x 25 16 x 31 16 12.5 x 20 12.5 x 25 16 x 20 16 x 31 16 x 35 25 12.5 x 25 16 x 20 12.5 x 35 16 x 31 16 x 35 UR (V) 35 16 x 20 12.5 x 35 16 x 31 18 x 31 50 16 x 31 63 100 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD
OD
L
L
+
F
15 min.
4
1 0 F
Od
Od
5 min.
Formed leads for O D = 8 mm with pitch F = 5 mm
Fig.2 Form CA: Long leads
Fig.3 Form CB: Cut leads
Fig.4 Form TFA: Taped in box (ammopack)
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 12.5 x 35 16 x 20 16 x 25 16 x 31 16 x 35 18 x 20 18 x 31 CASE CODE 13 13L 14 15 16 17 18 18LL 19a 19 20 21 1820 1831 Od 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 O Dmax. 8.5 8.5 10.5 10.5 10.5 13.0 13.0 13.0 16.5 16.5 16.5 16.5 18.5 18.5 Lmax. 13.0 16.0 13.5 17.5 22.0 22.0 27.0 37.5 22.0 27.0 33.5 37.5 22.0 33.5 F 3.5 0.5 3.5 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 MASS (g) 1.1 1.3 1.6 1.9 2.2 4.0 5.0 6.0 6.0 8.0 9.0 11.0 8.0 12.5 PACKAGING QUANTITIES FORM CA 5000 5000 1000 500 500 500 250 250 250 250 100 100 100 100 FORM CB 5000 5000 500 500 500 500 250 250 250 250 100 100 100 100 FORM TFA 1000 1000 800 800 800 500 500 250 250 250 -
Document Number: 28323 Revision: 29-Oct-07
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 141
150 RMI
Vishay BCcomponents
Aluminum Capacitors Radial Miniature, Low Impedance
ORDERING EXAMPLE
DESCRIPTION
ELECTRICAL DATA
SYMBOL CR rated capacitance at 100 Hz , tolerance 20 % rated RMS ripple current at 100 kHz , 105 C IR max. leakage current after 2 minutes at UR IL2 tan max. dissipation factor at 100 Hz Z max. impedance at 100 kHz Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
Electrolytic capacitor 150 series 470 F/16 V; 20 % Nominal case size: O 10 x 12 mm; Form TFA Ordering Code: MAL215035471E3 Former 12NC: 2222 150 35471
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 470 680 1000 2200 3300 4700 6800 220 330 470 470 680 1000 1500 2200 3300 4700 6800 220 330 470 680 1000 1500 2200 2200 3300 4700 100 220 220 330 470 680 1000 1000 1500 1500 2200 3300 150 220 330 470 680 1000 1200 1500 NOMINAL CASE SIZE ODxL (mm) 8 x 12 10 x 12 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31 8 x 12 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 31 16 x 35 8 x 12 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 12.5 x 35 16 x 20 16 x 31 16 x 35 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 12.5 x 35 16 x 20 16 x 31 18 x 31 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31 16 x 31 IR 100 kHz 105 C (mA) 555 730 950 1460 1950 2390 2890 555 555 730 730 950 1180 1460 1950 1840 2890 3100 555 730 950 1180 1460 1950 2510 1840 2890 3100 555 730 730 950 1180 1460 1950 1840 2510 1840 2890 3000 500 700 900 1100 1400 1800 2200 2200 IL2 2 min (A) 47 71 103 223 333 473 683 35 53 78 78 112 163 243 355 531 755 1091 55 86 121 173 253 378 553 553 828 1178 35 77 80 118 167 241 353 353 528 528 773 1155 78 113 168 238 343 503 603 753 tan 100 Hz 0.19 0.19 0.19 0.21 0.21 0.23 0.25 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.18 0.20 0.22 0.24 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.16 0.16 0.18 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.16 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 Z 100 kHz + 20 C () 0.117 0.097 0.066 0.037 0.029 0.022 0.019 0.117 0.117 0.085 0.097 0.066 0.049 0.037 0.029 0.028 0.019 0.018 0.117 0.097 0.066 0.049 0.037 0.029 0.028 0.028 0.019 0.018 0.117 0.085 0.097 0.066 0.049 0.037 0.029 0.028 0.028 0.028 0.019 0.019 0.200 0.120 0.090 0.062 0.048 0.034 0.027 0.027 Z 100 kHz - 40 C () 0.870 0.680 0.460 0.260 0.200 0.150 0.130 0.870 0.870 0.750 0.680 0.460 0.340 0.260 0.200 0.200 0.130 0.130 0.870 0.680 0.460 0.340 0.260 0.200 0.200 0.200 0.130 0.130 0.870 0.750 0.680 0.460 0.340 0.260 0.200 0.200 0.200 0.200 0.130 0.130 1.400 0.840 0.630 0.430 0.340 0.240 0.190 0.190 ORDERING CODE MAL2150....... BULK PACKAGING FORM CA 54471E3 54681E3 54102E3 54222E3 54332E3 54472E3 54682E3 55221E3 55331E3 95475E3 55471E3 55681E3 55102E3 55152E3 55222E3 55332E3 55472E3 55682E3 56221E3 56331E3 56471E3 56681E3 56102E3 56152E3 96225E3 56222E3 56332E3 56472E3 50101E3 90225E3 50221E3 50331E3 50471E3 50681E3 50102E3 90105E3 90186E3 50152E3 50222E3 50332E3 51151E3 51221E3 51331E3 51471E3 51681E3 51102E3 51122E3 51152E3 FORM CB 84471E3 64681E3 64102E3 64222E3 64332E3 64472E3 64682E3 85221E3 85331E3 95478E3 65471E3 65681E3 65102E3 65152E3 65222E3 65332E3 65472E3 65682E3 86221E3 66331E3 66471E3 66681E3 66102E3 66152E3 96226E3 66222E3 66332E3 66472E3 80101E3 90228E3 60221E3 60331E3 60471E3 60681E3 60102E3 90106E3 90187E3 60152E3 60222E3 60332E3 61151E3 61221E3 61331E3 61471E3 61681E3 61102E3 61122E3 61152E3 TAPED FORM TFA 34471E3 34681E3 34102E3 34222E3 34332E3 34472E3 34682E3 35221E3 35331E3 95473E3 35471E3 35681E3 35102E3 35152E3 35222E3 35332E3 35472E3 36221E3 36331E3 36471E3 36681E3 36102E3 36152E3 36222E3 36332E3 30101E3 90223E3 30221E3 30331E3 30471E3 30681E3 30102E3 90103E3 30152E3 30222E3 31151E3 31221E3 31331E3 31471E3 31681E3 31102E3 31122E3 31152E3
10
16
25
35
50
www.vishay.com 142
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323 Revision: 29-Oct-07
150 RMI
Aluminum Capacitors Radial Miniature, Low Impedance
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 47 100 150 220 330 470 470 680 680 1000 22 330 NOMINAL CASE SIZE ODxL (mm) 8 x 12 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 20 16 x 25 16 x 31 8 x 12 18 x 20 IR 100 kHz 105 C (mA) 405 420 560 700 930 1200 1100 1100 1500 1900 230 1700 IL2 2 min (A) 30 66 97 141 211 299 299 431 431 633 22 330 tan 100 Hz 0.09 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.08 0.07 Z 100 kHz + 20 C () 0.342 0.270 0.190 0.150 0.095 0.067 0.074 0.074 0.054 0.042 0.68 0.074 Z 100 kHz - 40 C () 2.350 1.890 1.330 1.050 0.670 0.470 0.520 0.520 0.380 0.295 27.0 2.0 ORDERING CODE MAL2150....... BULK PACKAGING FORM CA 58479E3 58101E3 58151E3 58221E3 58331E3 58471E3 98475E3 58681E3 98685E3 58102E3 59229E3 90183E3 FORM CB 88479E3 68101E3 68151E3 68221E3 68331E3 68471E3 98476E3 68681E3 98686E3 68102E3 89229E3 90185E3 TAPED FORM TFA 38479E3 38101E3 38151E3 38221E3 38331E3 38471E3 98473E3 38681E3 98683E3 38102E3 39229E3 -
Vishay BCcomponents
63
100
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) Calculated from tan max. and CR (see Table 2) ESR = tan /2 f CR Case O D 10 mm Case O D 12.5 mm typ. 16 nH typ. 18 nH After 2 minutes at UR IL2 0.01 CR x UR + 3 A Us 1.15 x UR Urev 1 V CONDITIONS VALUE
CAPACITANCE (C)
1.2 C C0 1.1 0.8 1.0 0.6 0.4 0.9 0.2 0.8 - 60 0 - 40 - 20 0 20 40 60 80 100 120 Tamb (C) 140 Curve 1: UR 35 V Curve 2: UR 50 V 10 2 10 3 10 4
5 f (Hz) 10
1.2 C C0 1.0 1 2
10
C0 = typical capacitance at 20 C, 100 Hz
C0 = typical capacitance at 20 C, 100 Hz
Tamb 20 C
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
Fig.6 Typical multiplier of capacitance as a function of frequency
Document Number: 28323 Revision: 29-Oct-07
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 143
150 RMI
Vishay BCcomponents
Aluminum Capacitors Radial Miniature, Low Impedance
6 ESR ESR 0 5
EQUIVALENT SERIES RESISTANCE (ESR)
ESR ESR0 10
1
Curve 1: O D 12.5 mm Curve 2: O D 16 mm
4 3 2
2
1
1
0
- 60 - 40 - 20 0 20 40 60 80 100 120 140
10
10 2
10 3
10 4
ESR0 = typical ESR at 20 C, 100 Hz
Tamb (C)
5 f (Hz) 10
Fig.7 Typical multiplier of ESR as a function of ambient temperature
ESR0 = typical ESR at 20 C, 100Hz
Tamb = 20 C
Fig.8 Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
102 Z Z0 10 10 103 Z () 102 1 2 Curve 1: 100 F, 63 V Curve 2: 220 F, 50 V Curve 3: 680 F, 63 V
1 1 10-1
3
10-1 - 60 - 40 - 20 0 20 40 60 80 100 120 140
10-2 10 10 2 10 3 10 4 f (Hz) 10 5
Z0 = typical impedance at 20 C, 100 kHz
Tamb (C)
Tamb = 20 C
Fig.9 Typical multiplier of impedance as a function of ambient temperature
102 Z () 10 1 1 2 3 Curve 1: 330 F, 35 V Curve 2: 470 F, 16 V Curve 3: 680 F, 16 V Curve 4: 1000 F, 16 V Curve 5: 6800 F, 16 V
Fig.11 Typical impedance as a function of frequency
4 5
10-1
10-2 10 10 2 10 3 10 4 f (Hz) 10 5
Tamb = 20 C
Fig.10 Typical impedance as a function of frequency
www.vishay.com 144 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28323 Revision: 29-Oct-07
150 RMI
Aluminum Capacitors Radial Miniature, Low Impedance
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Vishay BCcomponents
ENDURANCE TEST DURATION AND USEFUL LIFE AS A FUNCTION OF CASE SIZE
NOMINAL CASE SIZE ODxL (mm) 8 x 12 8 x 15 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 12.5 x 35 16 x 20 16 x 25 16 x 31 16 x 35 18 x 20 18 x 31 CASE CODE 13 13L 14 15 16 17 18 18LL 19a 19 20 21 1820 1831
3.8 3.7 IA IR 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 2.6 lifetime multiplier
ENDURANCE at 105 C (h) 3000 3000 3000 3000 3000 3000 5000 5000 3000 5000 5000 5000 3000 6000
USEFUL LIFE at 105 C (h) 4000 4000 4000 6000 6000 7000 8000 8000 7000 10 000 10 000 10 000 7000 10 000
CCC206
1.0
2.4
1.5
2.2
2.0 3.0
2.0 1.8 1.6
4.0 6.0 8.0 2 1 20 30
1.4 1.2 1.0 0.8 0.5 0.0
60 0 10 0 15 0 20
(1)
IA = actual ripple current at 100 kHz IR = rated ripple current at 100 kHz, 105 C (1) Useful life at 105 C and I applied; see Table 4 R
40
50
60
70
80
90
100 110 Tamb (C)
Fig.12 Multiplier of useful life as a function of ambient temperature and ripple current load
Document Number: 28323 Revision: 29-Oct-07
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 145
150 RMI
Vishay BCcomponents
Table 4
Aluminum Capacitors Radial Miniature, Low Impedance
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 100 300 1000 3000 10 000 30 000 100 000 Table 5 IR MULTIPLIER O = 8 to 12.5 mm 0.65 0.76 0.85 0.89 0.90 0.97 1.00 O = 16 mm and 18 mm 0.76 0.85 0.91 0.94 0.96 0.98 1.00
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 CECC 30301 subclause 1.8.1 PROCEDURE (quick reference) Tamb = 105 C; UR applied; for test duration see Table 3 REQUIREMENTS C/C: 20 % tan 2 x spec. limit IL2 spec. limit Tamb = 105 C; UR and IR applied; for test duration see Table 3 C/C: 30 % tan 3 x spec. limit IL2 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 105 C; no voltage applied; 1000 h after test: UR to be applied for 30 min., 24 to 48 h before measurement C/C: 20 % tan 2 x spec. limit IL2 spec. limit
Useful life
www.vishay.com 146
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323 Revision: 29-Oct-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL215055222E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X